Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD8647L Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDD8647L
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8647L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD8647L Datasheet HTML 1Page - Fairchild Semiconductor FDD8647L Datasheet HTML 2Page - Fairchild Semiconductor FDD8647L Datasheet HTML 3Page - Fairchild Semiconductor FDD8647L Datasheet HTML 4Page - Fairchild Semiconductor FDD8647L Datasheet HTML 5Page - Fairchild Semiconductor FDD8647L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.fairchildsemi.com
5
©2008 Fairchild Semiconductor Corporation
FDD8647L Rev.C
Figure 13. Junction-to-Case Transient Thermal Response Curve
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
0.001
0.01
0.1
1
SINGLE PULSE
RθJC = 2.9
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJc + TC
Figure 14.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
SINGLE PULSE
RθJA = 96
o
C/W
(Note 1b)
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25 °C unless otherwise noted


Número de pieza similar - FDD8647L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
FDD8647L VBSEMI-FDD8647L Datasheet
1,003Kb / 8P
   N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8647L ISC-FDD8647L Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD8647L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDS8882 FAIRCHILD-FDS8882 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 20.0 m廓
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com