Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDG1024NZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDG1024NZ
Descripción Electrónicos  Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG1024NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDG1024NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 5Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 6Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
©2009 Fairchild Semiconductor Corporation
FDG1024NZ Rev.B
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 µA, VGS = 0 V
20
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, referenced to 25 °C
14
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V, VGS = 0 V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±8 V, VDS = 0 V
±10
µA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 µA
0.4
0.8
1.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 µA, referenced to 25 °C
-3
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 4.5 V, ID = 1.2 A
160
175
m
VGS = 2.5 V, ID = 1.0 A
185
215
VGS = 1.8 V, ID = 0.9 A
232
270
VGS = 1.5 V, ID = 0.8 A
321
389
VGS = 4.5 V, ID = 1.2 A,
TJ =125 °C
220
259
gFS
Forward Transconductance
VDD = 5 V, ID = 1.2 A
4
S
Ciss
Input Capacitance
VDS = 10 V, VGS = 0 V,
f = 1 MHz
115
150
pF
Coss
Output Capacitance
25
35
pF
Crss
Reverse Transfer Capacitance
20
25
pF
Rg
Gate Resistance
4.6
td(on)
Turn-On Delay Time
VDD = 10 V, ID = 1.2 A,
VGS = 4.5 V, RGEN = 6 Ω
3.7
10
ns
tr
Rise Time
1.7
10
ns
td(off)
Turn-Off Delay Time
11
19
ns
tf
Fall Time
1.5
10
ns
Qg
Total Gate Charge
VGS = 4.5 V, VDD = 10 V,
ID = 1.2 A
1.8
2.6
nC
Qgs
Gate to Source Charge
0.3
nC
Qgd
Gate to Drain “Miller” Charge
0.4
nC
IS
Maximum Continuous Drain-Source Diode Forward Current
0.3
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 0.3 A
(Note 2)
0.7
1.2
V
trr
Reverse Recovery Time
IF = 1.2 A, di/dt = 100 A/µs
10
20
ns
Qrr
Reverse Recovery Charge
1.9
10
nC
NOTES:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθJA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
a. 350 °C/W when mounted
on a 1 in2 pad of 2 oz copper.
b. 415 °C/W when mounted on a
minimum pad of 2 oz copper.


Número de pieza similar - FDG1024NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Descripción similar - FDG1024NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
FDT86256 FAIRCHILD-FDT86256 Datasheet
251Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 1.2 A, 845 m廓
FDMA1024NZ FAIRCHILD-FDMA1024NZ Datasheet
315Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 5.0 A, 54 m廓
FDMC8200S FAIRCHILD-FDMC8200S Datasheet
467Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 10 m廓, 20 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com