Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST9401 Datasheet(PDF) 5 Page - Stanson Technology

No. de pieza ST9401
Descripción Electrónicos  P Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST9401 Datasheet(HTML) 5 Page - Stanson Technology

  ST9401 Datasheet HTML 1Page - Stanson Technology ST9401 Datasheet HTML 2Page - Stanson Technology ST9401 Datasheet HTML 3Page - Stanson Technology ST9401 Datasheet HTML 4Page - Stanson Technology ST9401 Datasheet HTML 5Page - Stanson Technology ST9401 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ST9401
ST9401
ST9401
ST9401
P Channel Enhancement Mode MOSFET
-3.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST9401 2005. V1
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERICTICS
CHARACTERICTICS
CHARACTERICTICS
CHARACTERICTICS (25℃ Unless noted)


Número de pieza similar - ST9401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
ST9401 VBSEMI-ST9401 Datasheet
470Kb / 9P
   P-Channel 20-V (D-S) MOSFET
ST9401SRG VBSEMI-ST9401SRG Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Descripción similar - ST9401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com