Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS4141_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDS4141_F085
Descripción Electrónicos  P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4141_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS4141_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDS4141_F085 Rev. A
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
-40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous (VGS = 10V)
-10.8
A
Pulsed
-36
EAS
Single Pulse Avalanche Energy
229
mJ
PD
Power Dissipation
1.6
W
TJ, TSTG Operating and Storage Temperature
-55 to +150
oC
RθJC
Thermal Resistance Junction to Case
30
oC/W
RθJA
Thermal Resistance Junction to Ambient SO-8, 1in2 copper pad area
81
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS4141
FDS4141_F085
SO-8
13”
12mm
2500 units
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -32V,
-
-
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V,
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-1.0
-1.7
-3.0
V
rDS(on)
Drain to Source On Resistance
ID = -10.5A, VGS = -10V
-
10.5
13.0
m
ID = -8.4A, VGS = -4.5V
-
14.8
19.0
ID = -10.5A, VGS = -10V,
TJ = 125
oC
-
15.3
19.0
gFS
Forward Transconductance
ID = -10.5A, VDD = -5V
34
S
Ciss
Input Capacitance
VDS = -20V, VGS = 0V,
f = 1MHz
-
2005
-
pF
Coss
Output Capacitance
-
355
-
pF
Crss
Reverse Transfer Capacitance
-
190
-
pF
Rg
Gate Resistance
f = 1MHz
-
5.0
-
Qg(TOT)
Total Gate Charge at -10V
VGS = 0 to -10V
VDD = -20V
ID = -10.5A
-35
45
nC
Qg(-5)
Total Gate Charge at -5V
VGS = 0 to -5V
-
18.6
24.2
nC
Qgs
Gate to Source Gate Charge
-
5.2
-
nC
Qgd
Gate to Drain “Miller“ Charge
-
6.6
-
nC


Número de pieza similar - FDS4141_F085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
More results

Descripción similar - FDS4141_F085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
FDD4243 FAIRCHILD-FDD4243_07 Datasheet
388Kb / 6P
   40V P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDS4675-F085 ONSEMI-FDS4675-F085 Datasheet
850Kb / 7P
   40V P-Channel PowerTrench짰 MOSFET
September-2017, Rev.2
logo
Fairchild Semiconductor
FDD8424H_F085A FAIRCHILD-FDD8424H_F085A_13 Datasheet
793Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com