Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8882 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDS8882
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 20.0 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8882 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8882 Datasheet HTML 1Page - Fairchild Semiconductor FDS8882 Datasheet HTML 2Page - Fairchild Semiconductor FDS8882 Datasheet HTML 3Page - Fairchild Semiconductor FDS8882 Datasheet HTML 4Page - Fairchild Semiconductor FDS8882 Datasheet HTML 5Page - Fairchild Semiconductor FDS8882 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
December 2008
©2008 Fairchild Semiconductor Corporation
FDS8882 Rev.C
www.fairchildsemi.com
1
FDS8882
N-Channel PowerTrench® MOSFET
30 V, 9 A, 20.0 m
Features
Max rDS(on) = 20.0 mΩ at VGS = 10 V, ID = 9 A
Max rDS(on) = 22.5 mΩ at VGS = 4.5 V, ID = 8 A
High performance trench technology for extremely low rDS(on)
and fast switching
High power and current handling capability
Termination is Lead-free and RoHS Compliant
General Description
The FDS8882 has been designed to minimize losses in power
conversion application. Advancements in both silicon and
package technologies have been combined to offer the lowest
rDS(on) while maintaining excellent switching performance.
Applications
Notebook System Regulators
DC/DC Converters
SO-8
D
D
D
D
S
S
S
G
Pin 1
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
9
A
-Pulsed
21
EAS
Single Pulse Avalanche Energy
(Note 3)
32
mJ
PD
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
W
Power Dissipation
TA = 25 °C
(Note 1b)
1.0
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
25
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8882
FDS8882
SO8
13 “
12 mm
2500 units


Número de pieza similar - FDS8882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8880 FAIRCHILD-FDS8880 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
FDS8880 FAIRCHILD-FDS8880 Datasheet
603Kb / 12P
   N-Channel PowerTrench짰 MOSFET
logo
Analog Devices
FDS8880 AD-FDS8880 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Descripción similar - FDS8882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMA7632 FAIRCHILD-FDMA7632 Datasheet
218Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 19 m廓
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
FDMS7620S FAIRCHILD-FDMS7620S Datasheet
364Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 10.1 A, 20.0 m廓 Q2: 30 V, 12.4 A, 11.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com