Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDZ371PZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDZ371PZ
Descripción Electrónicos  P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ371PZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDZ371PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ371PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ371PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ371PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ371PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ371PZ Datasheet HTML 6Page - Fairchild Semiconductor FDZ371PZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
©2009 Fairchild Semiconductor Corporation
FDZ371PZ Rev.C
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = -250 µA, VGS = 0 V
-20
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, referenced to 25 °C
22
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±8 V, VDS = 0 V
±10
µA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250 µA-0.35
-0.6
-1.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250 µA, referenced to 25 °C
-4
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = -4.5 V, ID = -2.0 A
55
75
m
VGS = -2.5 V, ID = -1.5A
65
90
VGS = -1.8 V, ID = -1.0 A
80
110
VGS = -1.5 V, ID = -1.0 A
100
150
VGS = -4.5 V, ID = -2.0 A,
TJ =125°C
80
124
gFS
Forward Transconductance
VDD = -5 V, ID = -3.3 A
14
S
Ciss
Input Capacitance
VDS = -10 V, VGS = 0 V,
f = 1 MHz
750
1000
pF
Coss
Output Capacitance
110
145
pF
Crss
Reverse Transfer Capacitance
100
150
pF
td(on)
Turn-On Delay Time
VDD = -10 V, ID = -3.3 A,
VGS = -4.5 V, RGEN = 6 Ω
5.9
12
ns
tr
Rise Time
9.1
18
ns
td(off)
Turn-Off Delay Time
124
198
ns
tf
Fall Time
88
140
ns
Qg
Total Gate Charge
VGS = -4.5 V, VDD = -10 V,
ID = -3.3 A
12
17
nC
Qgs
Gate to Source Charge
1.1
nC
Qgd
Gate to Drain “Miller” Charge
3.4
nC
IS
Maximum Continuous Drain-Source Diode Forward Current
-1.1
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = -1.3 A
(Note 2)
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -3.3 A, di/dt = 100 A/µs
61
98
ns
Qrr
Reverse Recovery Charge
29
47
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3. The diode connected between the gate and source serves only as protection ESD. No gate overvoltage rating is implied.
a. 75 °C/W when mounted on
a 1 in2 pad of 2 oz copper.
b. 260 °C/W when mounted on a
minimum pad of 2 oz copper.


Número de pieza similar - FDZ371PZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ372NZ FAIRCHILD-FDZ372NZ Datasheet
297Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results

Descripción similar - FDZ371PZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ372NZ FAIRCHILD-FDZ372NZ Datasheet
297Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com