Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMT4214 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

No. de pieza SMT4214
Descripción Electrónicos  Expandable Four-Rail Tracking Manager
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMT4214 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMT4214 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMT4214 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SMT4214
Preliminary Information
Summit Microelectronics, Inc
2061 2.2 09/15/05
11
I2C 2-WIRE SERIAL INTERFACE AC OPERATING CHARACTERISTICS - 100kHz
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.) See
Figure 6 Timing diagram.
Symbol
Description
Conditions
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
0
100
KHz
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tBUF
Bus Free Time
Before New Transmission
Note 1/
4.7
µs
tSU:STA
Start Condition Setup Time
4.7
µs
tHD:STA
Start Condition Hold Time
4.0
µs
tSU:STO
Stop Condition Setup Time
4.7
µs
tAA
Clock Edge to Data Valid
SCL low to valid SDA (cycle n)
0.2
3.5
µs
tDH
Data Output Hold Time
SCL low (cycle n+1) to SDA
change
0.2
µs
tR
SCL and SDA Rise Time
Note 1/
1000
ns
tF
SCL and SDA Fall Time
Note 1/
300
ns
tSU:DAT
Data In Setup Time
250
ns
tHD:DAT
Data In Hold Time
0
ns
TI
Noise Filter SCL and SDA
Noise suppression
100
ns
tWR
Write Cycle Time
VGG_CAP Capacitor =1uF,
VGG_CAP=10.5V
100
ms
Note: 1/ - Guaranteed by Design.
TIMING DIAGRAMS
t
R
t
F
t
HIGH
t
LOW
t
SU:SDA
t
HD:SDA
t
SU:DAT
t
HD:DAT
t
SU:STO
t
BUF
t
DH
t
AA
SCL
SDA
(IN)
SDA
(OUT)
t
W R (For W rite Operation Only)
Figure 6 . Basic I
2C Serial Interface Timing


Número de pieza similar - SMT4214

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YEONHO ELECTRONICS
SMT420 YEONHO-SMT420 Datasheet
133Kb / 1P
   4.20mm PITCH CONNECTOR
More results

Descripción similar - SMT4214

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
RDCM HAMMOND-RDCM Datasheet
86Kb / 1P
   Rail Depth Cable Manager
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMT4504 SUMMIT-SMT4504 Datasheet
248Kb / 20P
   Four-Channel Loss-Less TrakkerTM Power Supply Manager
logo
Texas Instruments
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
UCD90240 TI1-UCD90240 Datasheet
1Mb / 49P
[Old version datasheet]   UCD90240 24-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
[Old version datasheet]   UCD90320 32-Rail PMBus??Power Sequencer and System Manager
logo
Abracon Corporation
APAMP-110 ABRACON-APAMP-110 Datasheet
2Mb / 3P
   Personal Tracking
10.27.14
logo
Suntsu Electronics, Inc...
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
   Vehicle Tracking
logo
Adlink Technology Inc.
MVP-6100 ADLINK-MVP-6100 Datasheet
821Kb / 2P
   Expandable GPU Workstation Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com