Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC2211 Datasheet(PDF) 2 Page - Transcom, Inc.

No. de pieza TC2211
Descripción Electrónicos  Plastic Packaged Low Noise PHEMT GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2211 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC2211 Datasheet HTML 1Page - Transcom, Inc. TC2211 Datasheet HTML 2Page - Transcom, Inc. TC2211 Datasheet HTML 3Page - Transcom, Inc. TC2211 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC2211
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 25 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.6999
-97.55
5.3659
105.10
0.1127
39.71
0.3838
-62.15
3
0.6047
-127.04
4.1625
83.38
0.1340
29.75
0.2657
-79.50
4
0.5465
-150.57
3.3927
65.51
0.1502
23.32
0.1809
-93.67
5
0.5139
-171.52
2.8823
49.75
0.1655
17.33
0.1122
-110.30
6
0.4983
169.10
2.5261
35.13
0.1806
12.00
0.0610
-142.34
7
0.5047
150.95
2.2504
21.36
0.1952
6.37
0.0498
144.49
8
0.5278
132.16
2.0333
5.81
0.2094
-1.70
0.0917
95.82
9
0.5677
116.10
1.8558
-7.76
0.2228
-8.89
0.1539
76.92
10
0.6139
99.71
1.7107
-20.59
0.2353
-15.49
0.2262
70.78
11
0.6598
85.73
1.5598
-32.59
0.2422
-22.95
0.2942
62.32
12
0.7045
72.88
1.4317
-44.68
0.2461
-30.44
0.3747
55.37
13
0.7477
61.79
1.3153
-55.99
0.2473
-37.31
0.4407
47.71
14
0.7818
49.72
1.2204
-67.41
0.2490
-44.51
0.4846
41.21
15
0.8152
39.40
1.1386
-76.80
0.2493
-50.20
0.5174
36.25
16
0.8366
29.31
1.0922
-85.95
0.2537
-55.96
0.5359
31.19
17
0.8672
20.34
1.0896
-94.23
0.2626
-61.00
0.5428
28.40
18
0.8923
9.98
1.1270
-101.69
0.2760
-66.50
0.5334
29.19
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.4
0.1
Per Div
S12
0
15
30
150
165
-180
-16
5
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S22


Número de pieza similar - TC2211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TC221 TI-TC221 Datasheet
218Kb / 14P
[Old version datasheet]   SMALL-FORMAT CCD IMAGE SENSORS
TC221-30 TI-TC221-30 Datasheet
218Kb / 14P
[Old version datasheet]   SMALL-FORMAT CCD IMAGE SENSORS
TC221-40 TI-TC221-40 Datasheet
218Kb / 14P
[Old version datasheet]   SMALL-FORMAT CCD IMAGE SENSORS
logo
Productwell Precision E...
TC2212D-220M PRODUCTWELL-TC2212D-220M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Descripción similar - TC2211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com