Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CHR3694-QDG Datasheet(PDF) 16 Page - United Monolithic Semiconductors

No. de Pieza. CHR3694-QDG
Descripción  37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo 

CHR3694-QDG Datasheet(HTML) 16 Page - United Monolithic Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
CHR3694-QDG
37-40GHz Down Converter
Ref. : DSCHA3694-QDG9077 - 18 Mar 09
16/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Evaluation mother board
Compatible with the proposed footprint.
Based on typically Ro4003 / 8mils or equivalent.
Using a microstrip to coplanar transition to access the package.
Recommended for the implementation of this product on a module board.
Decoupling capacitors of 10nF
±10% are recommended for all DC accesses.
Coupleur Anaren 2-4GHz
(See application note AN0017 for details).
Proposed Assembly board “97445” for CHR3694-QDG 24L-QFN4x4
products characterization
Decoupling capacitor: 10nF
VGX
Q
I
VDX
VGM
VGC
VDL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn