Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CHR3694-QDG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

No. de Pieza. CHR3694-QDG
Descripción  37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo 

CHR3694-QDG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CHR3694-QDG
37-40GHz Down Converter
Ref. : DSCHA3694-QDG9077 - 18 Mar 09
2/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Tamb= +25°C, VDL= VDX= 4V, Typical VGX = -0.9V & VG M= -0.7V
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
37
40
GHz
FLO
LO frequency range
17.5
21
GHz
FIF
IF frequency range
DC
3.5
GHz
G
Conversion gain @ VGC = -2V
Conversion gain @ VGC = 0V
8
11
10
14
dB
dB
PLO
LO Input power
1
dBm
IFR
Image Frequency Rejection (1)
13
15
dBc
NF
Noise Figure @ VGC = -2V
Noise Figure @ VGC = 0V
5
4.5
6.5
6
dB
dB
IIP3
Input IP3
-5
dBm
LO RL
Input LO Return Loss
-10
-8
dB
RF RL
Input RF Return Loss
-4
-3
dB
Gc
Gain control range
4
dB
VDL,VDX Drain bias voltage
4
V
VGC
Gain control voltage (2)
-2
0
V
Idl + Idx
Bias current @ VGC = -2V (3)
Bias current @ VGC = 0V (3)
100
110
140
150
180
190
mA
mA
(1) With external I/Q 90°hybrid coupler
(2) Idl=50mA@VGC=-2V, Idl= 60mA@VGC=0V
(3) Typically, Idl=60mA@VGC=0V, Idx=90mA
These values are representative of onboard measurements as defined on the drawing at
page 16 for CHR3694-QDG and page 17 for CHR3794-QDG.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn