Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CHR3694-QDG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

No. de Pieza. CHR3694-QDG
Descripción  37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo 

CHR3694-QDG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CHR3694-QDG
37-40GHz Down Converter
Ref. : DSCHA3694-QDG9077 - 18 Mar 09
6/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Conversion Gain @ Freq_IF= 3.5GHz, F_RF= 2xF_LO + F_IF, VGC=0V
versus temperature
0
2
4
6
8
10
12
14
16
18
20
36
37
38
39
40
41
RF frequency (GHz)
Gc max @ -40°C
Gc max @ +25°C
Gc max @ +75°C
Conversion Gain @ Freq_IF= 3.5GHz, F_RF= 2xF_LO + F_IF, VGC=-2V
versus temperature
0
2
4
6
8
10
12
14
16
18
20
36
37
38
39
40
41
RF frequency (GHz)
Gc min @ -40°C
Gc min @ +25°C
Gc min @ +75°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn