Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CHR3694-QDG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

No. de Pieza. CHR3694-QDG
Descripción  37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo 

CHR3694-QDG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
37-40GHz Down Converter
CHR3694-QDG
Ref.: DSCHA3694-QDG9077 - 18 Mar 09
9/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Input IP3 @ Freq_RF= 37.5GHz & 39.5GHz, Freq_IF= 3.5GHz
versus VGC at 25°C
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-30
-25
-20
-15
-10
Input power double carrier (dBm)
37.5GHz / VGC=0V
39.5GHz / VGC=0V
37.5GHz / VGC=-2V
39.5GHz / VGC=-2V
LO Return Loss versus frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
14 15 16 17 18 19 20 21 22 23
Frequency (GHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn