Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CHR3694-QDG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

No. de Pieza. CHR3694-QDG
Descripción  37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo 

CHR3694-QDG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CHR3694-QDG
RoHS COMPLIANT
Ref. : DSCHA3694-QDG9077 - 18 Mar 09
1/18
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
37-40GHz Integrated Down converter
GaAs Monolithic Microwave IC in SMD package
Description
The CHR3694-QDG is a multifunction chip,
which integrates a balanced cold FET mixer, a
time two multiplier, and a RF LNA including gain
control.
It is designed for a wide range of applications,
typically commercial communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate and air bridges.
It is available in lead-free SMD package.
A mirror version versus RF & LO access is
available as CHR3794-QDG.
Main Features
■ Broadband performance 37-40GHz
■ 12dB Gain
■ 15dBc Image Frequency Rejection
■ -5dBm IIP3
■ 4dB Gain control
■ DC power consumption: 4V, 150mA
■ 24L-QFN4x4
■ ESD protected
■ MSL Level 1
Conversion gain (Sup. Mode) @ IF=2GHz
0
2
4
6
8
10
12
14
16
18
20
36
37
38
39
40
41
RF frequency (GHz)
Gain @ 0V
Gain @ -2V
Main Characteristics
Tamb = +25°C, VDL= VDX= 4V
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
37
40
GHz
FLO
LO frequency range
17.5
21
GHz
FIF
IF frequency range
DC
3.5
GHz
G
Conversion gain @ VGC=-2V
Conversion gain @ VGC=0V
8
11
10
14
dB
dB
ESD Protections: Electrostatic discharge sensitive device observe handling precautions!
Electrical Characteristics
UMS
R3694
YYWW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn