Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA411 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza CA411
Descripción Electrónicos  Cascadable Amplifier 10 to 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA411 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CA411 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA411 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Amplifier
10 to 400 MHz
Rev. V3
A411 / SMA411
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Número de pieza similar - CA411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CA411 MACOM-CA411 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
More results

Descripción similar - CA411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
   10 TO 400 MHz CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A87 MA-COM-A87 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A51 MA-COM-A51 Datasheet
156Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com