Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MD-0102-DXD-HPTC Datasheet(PDF) 2 Page - Vectron International, Inc

No. de pieza MD-0102-DXD-HPTC
Descripción Electrónicos  GPS Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0102-DXD-HPTC Datasheet(HTML) 2 Page - Vectron International, Inc

  MD-0102-DXD-HPTC Datasheet HTML 1Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 2Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 3Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 4Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 5Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 6Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 7Page - Vectron International, Inc MD-0102-DXD-HPTC Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Summary Specifications
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Comparitive Performance of Standard Modules
Model
Embedded Oscillator
Typical Uses
MD-0100-DXJ-TCXO-10M0000000
TCXO
Applications requiring a GPS disciplined clock with little or no hold over
MD-0102-DXJ-HPTC-10M0000000
High Precision TCXO
Applications requiring 1 hour hold over on the order of 10 us
MD-0101-DXJ-EMXO-10M0000000
EMXO
Applications requiring 8 hour hold over on the order of 100 us
MD-0101-DXJ-DAEM-10M0000000
Digitally Assisted EMXO
Application requiring 8 hour hold over of 100us over extended tempera-
ture ranges
MD-0103-BXJ-OCXO-10M0000000
OCXO
Applications requiring 8 hour hold over of 50 us over extended tempera-
ture ranges
MD-0103-BXJ-DAOC-10M0000000
Digitally Assisted OCXO
Applications requiring 24 hour hold over on the order of 20 us
MD-0104-BXJ-DOCX-10M0000000
Double Oven OCXO
Applications with stringent hold over requirements, 8.6 us over 24 hour
Hold Over Performance (detailed performance on page 5) 1
Hold Over Time
10 min
1 hr
1 hr
8 hr
8 hr
24hr
24 hr
Hold Over
Temperature Change
DT=
2 oC
DT=
2 oC
DT=
10 oC
DT=
2 oC
DT=
10 oC
DT=
2 oC
DT=
10 oC
Model
Maximum Accumulated Hold Over in us
MD-0100-DXJ-TCXO-10M0000000
4.9
32
120
500
1200
2400
4700
MD-0102-DXJ-HPTC-10M0000000
1.5
12
27
270
380
2000
2400
MD-0101-DXJ-EMXO-10M0000000
2.5
12.5
60
105
490
340
1500
MD-0101-DXJ-DAEM-10M0000000
0.4
2
8.7
20
75
90
250
MD-0103-BXJ-OCXO-10M0000000
0.14
0.9
4
9
30
35
100
MD-0103-BXJ-DAOC-10M0000000
0.05
0.24
0.4
4.5
3.7
18
21
MD-0104-BXJ-DOCX-10M0000000
0.05
0.09
.21
1
2.5
5.9
10
Summary Performance Characteristics
Model
Warm
Up Time
(min-
utes)
Aging /
day
(ppb)1
Temper-
ature
Stability
(ppb)2
Module
Height
(mm)
Accuracy
to UTC
(+/-1sig-
ma)
Accuracy
(+/-) 3
Warm
up
Power @
25 oC
(W)
Steady
State
Power @
25 oC
(W)
Voltage
(V)
MD-0110-DXJ-TCXO-10M0000000
5
40
280
11
100 ns
5E-12
0.3
0.3
5
MD-0112-DXJ-HPTC-10M0000000
5
40
50
12.6
100 ns
5E-12
0.35
0.3
5
MD-0111-DXJ-EMXO-10M0000000
10
1
75
11.8
50 ns
2E-12
1.75
0.6
5
MD-0111-DXJ-DAEM-10M0000000
10
1
10
11.8
50 ns
2E-12
1.75
0.6
5
MD-0113-BXJ-OCXO-10M0000000
18
0.2
4
19.5
50 ns
1E-12
4.2
3
12
MD-0113-BXJ-DAOC-10M0000000
18
0.2
0.2
19.5
50 ns
1E-12
4.2
3
12
MD-0114-BXJ-DOCX-10M0000000
18
0.1
0.2
21.3
50 ns
1E-12
14
5.3
12
Phase Noise/ AVAR
-10 Hz
-100 Hz
-1 kHz
-10 kHz
-100 kHz
AVAR
(t=1s)
AVAR
(t=10s)
MD-0100-DXJ-TCXO-10M0000000
-95
-120
-140
-155
-155
tbd
tbd
MD-0102-DXJ-HPTC-10M0000000
-80
-110
-130
-140
-150
tbd
tbd
MD-0101-DXJ-EMXO-10M0000000
-100
-130
-140
-145
-150
1E-10
5E-10
MD-0101-DXJ-DAEM-10M0000000
-100
-130
-140
-145
-150
1E-10
5E-10
MD-0103-BXJ-OCXO-10M0000000
-120
-135
-145
-145
-145
1E-11
2E-11
MD-0103-BXJ-DAOC-10M0000000
-120
-135
-145
-145
-145
1E-11
2E-11
MD-0104-BXJ-DOCX-10M0000000
-120
-135
-145
-145
-145
1E-11
2E-11
2


Número de pieza similar - MD-0102-DXD-HPTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
More results

Descripción similar - MD-0102-DXD-HPTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com