Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC-145 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AMC-145
Descripción Electrónicos  High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMC-145 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AMC-145 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMC-145 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AMC-145 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Performance Amplifier,
11 dB Gain, 10 - 1000 MHz
Rev. V4
AM-145 / AMC-145
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 2.5 dB Typical Midband Noise Figure
• +19 dBm Typical Midband Output Power
• +37 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-145 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a TO-8 package. Due to the internal
power dissipation the thermal rise minimized. The
ground plane on the PC board should be configured
to remove heat from under the package. AM-145 are
ideally suited for use where a high intercept, high
reliability amplifier is required.
TO-8-1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Ordering Information
Part Number
Package
AM-145 PIN
3
TO-8-1
AMC-145 SMA
Connectorized
3. Mounting kit part number AU00071 required for PCB
applications.
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.


Número de pieza similar - AMC-145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AMC-145 MACOM-AMC-145 Datasheet
261Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AMC-145SMA MACOM-AMC-145SMA Datasheet
65Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
More results

Descripción similar - AMC-145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM-145 MACOM-AM-145 Datasheet
261Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AM-AMC-145 MACOM-AM-AMC-145 Datasheet
65Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
   High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
   High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
Tyco Electronics
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
   High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
   High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com