Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DTA114YE Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza DTA114YE
Descripción Electrónicos  Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DTA114YE Datasheet(HTML) 2 Page - Motorola, Inc

  DTA114YE Datasheet HTML 1Page - Motorola, Inc DTA114YE Datasheet HTML 2Page - Motorola, Inc DTA114YE Datasheet HTML 3Page - Motorola, Inc DTA114YE Datasheet HTML 4Page - Motorola, Inc DTA114YE Datasheet HTML 5Page - Motorola, Inc DTA114YE Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DTA114YE
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
100
10
1
02
4
6
8
10
Figure 1. VO(on) versus IO
IO, OUTPUT CURRENT (mA)
020
40
60
80
Figure 2. GI, DC Current Gain
1
10
100
IO, OUTPUT CURRENT (mA)
Figure 3. Output Current versus Input Voltage
Figure 4. Input Voltage versus Output Current
VI, INPUT VOLTAGE (V)
Figure 5. Output Capacitance
1
0.1
0.01
0.001
–25
°C
25
°C
TA =75°C
VO(on) = 10 V
180
160
140
120
100
80
60
40
20
0
2
4
6
8
15
20 40
50 60 70
80 90
25
°C
IO/II = 10
TA = –25°C
TA =75°C
25
°C
–25
°C
VO = 5 V
75
°C
LOAD
+12 V
Typical Application
for PNP BRTs
Figure 6. Inexpensive, Unregulated Current Source
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
1015
2025
3035
4045
50
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 V
TA = 25°C
10
1
0.1
0
102030
40
50
IO, OUTPUT CURRENT (mA)
VO = 0.2 V
25
°C
TA = –25°C
75
°C


Número de pieza similar - DTA114YE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA114YE ONSEMI-DTA114YE Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Jiangsu Changjiang Elec...
DTA114YE JIANGSU-DTA114YE Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
logo
Weitron Technology
DTA114YE WEITRON-DTA114YE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results

Descripción similar - DTA114YE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
DTA144TT1 ONSEMI-DTA144TT1 Datasheet
124Kb / 3P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
August, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
MUN5111 AITSEMI-MUN5111 Datasheet
1Mb / 15P
   BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
MUN2111 AITSEMI-MUN2111 Datasheet
818Kb / 11P
   BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com