Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC048A160T024TP Datasheet(PDF) 4 Page - Vicor Corporation

No. de pieza BC048A160T024TP
Descripción Electrónicos  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A160T024TP Datasheet(HTML) 4 Page - Vicor Corporation

  BC048A160T024TP Datasheet HTML 1Page - Vicor Corporation BC048A160T024TP Datasheet HTML 2Page - Vicor Corporation BC048A160T024TP Datasheet HTML 3Page - Vicor Corporation BC048A160T024TP Datasheet HTML 4Page - Vicor Corporation BC048A160T024TP Datasheet HTML 5Page - Vicor Corporation BC048A160T024TP Datasheet HTML 6Page - Vicor Corporation BC048A160T024TP Datasheet HTML 7Page - Vicor Corporation BC048A160T024TP Datasheet HTML 8Page - Vicor Corporation BC048A160T024TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Bus Converter Module
BC048A160T024FP
vicorpower.com
Rev. 1.1
Page 4 of 11
Parameter
Min
Typ
Max
Unit
Note
Output voltage
12.7
18.3
Vdc
No load
12.1
17.8
Vdc
Full load
Output power
0
240
W
38 - 55 VIN
0
237
W
38 - 55 VIN
Rated DC current
0
20
Adc
POUT ≤ 240 W
Peak repetitive power
360
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
See Parallel Operation on Page 8
Efficiency
Half load
94.3
94.9
%
See Figure 5
Full load
94.7
95.5
%
See Figure 5
Internal output inductance
1.6
nH
Internal output capacitance
25.4
µF
Effective value
Load capacitance
600
µF
Output overvoltage setpoint
18.3
Vdc
Output ripple voltage
No external bypass
153
300
mVp-p
See Figures 7 and 9
10 µF bypass capacitor
13.4
mVp-p
See Figure 8
Short circuit protection set point
20.0
Adc
Module will shut down
Average short circuit current
0.176
A
Effective switching frequency
3.3
3.6
3.7
MHz
Fixed, 1.8 MHz per phase
Line regulation
K
0.3300
1/3
0.3367
VOUT = K•VIN at no load
Load regulation
ROUT
29.7
40
Transient response
Voltage overshoot
250
mV
100% load step; See Figures 10 and 11
Response time
200
ns
See Figures 10 and 11
Recovery time
1
µs
See Figures 10 and 11
Output overshoot
Input turn-on
0
mV
No output filter; See Figure 3
PC enable
0
mV
No output filter; See Figure 2
Output turn-on delay
From application of power
280
ms
No output filter; See Figure 3
From release of PC pin
67
ms
No output filter
Output Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
SPECIFICATIONS (CONT.)
Efficiency vs. Output Power
86
88
90
92
94
96
98
0
24
48
72
96
120
144
168
192
216
240
Output Power (W)
Figure 5 — Efficiency vs. output power
Power Dissipation
2
4
6
8
10
12
0
24
48
72
96
120
144
168
192
216
240
Output Power (W)
Figure 6 — Power dissipation as a function of output power
OUTPUT WAVEFORMS


Número de pieza similar - BC048A160T024TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC048A160T024FP VICOR-BC048A160T024FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Descripción similar - BC048A160T024TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com