Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BM-10EG88MD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

No. de pieza BM-10EG88MD
Descripción Electrónicos  hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Página de inicio  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BM-10EG88MD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BM-10EG88MD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BM-10EG88MD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BM-10EG88MD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BM
M--1
10
0E
EG
G8
88
8M
MD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
0
1.0
2.0
3.0
0
30
10
20
40
50
40
10
20
30
50
(G)
(E)
Forward Current
4
Intensity VS.
12
3
(E)
(G)
5
Fig.2 Forward Current VS.
530
0
0.5
1.0
(G)
560
590
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
20
10
30
40
20
40
60
80
0.5
50
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
620
650
Intensity VS.
680
710
(E)
佰鴻工業股份有限公司
http://www.brtled.com


Número de pieza similar - BM-10EG88MD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yellow Stone Corp
BM-10EG88MD YSTONE-BM-10EG88MD Datasheet
172Kb / 1P
   LED DOT MATRIX DISPLAY
More results

Descripción similar - BM-10EG88MD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BRIGHT LED ELECTRONICS ...
BM-20EG57ND BRIGHT-BM-20EG57ND Datasheet
411Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-10EG58MD BRIGHT-BM-10EG58MD Datasheet
482Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-10EG88ND BRIGHT-BM-10EG88ND Datasheet
742Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-41EG57ND BRIGHT-BM-41EG57ND Datasheet
736Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-41EG57MD BRIGHT-BM-41EG57MD Datasheet
413Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-20EG88MD BRIGHT-BM-20EG88MD Datasheet
596Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-20EG57MD BRIGHT-BM-20EG57MD Datasheet
357Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BM-10EG57ND BRIGHT-BM-10EG57ND Datasheet
305Kb / 3P
   hi-eff red chips and green chips, the hi-eff red chips are made from GaAsP on GaP substrate, the green chips are made from GaP on GaP substrate.
BD-A514RE BRIGHT-BD-A514RE Datasheet
265Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-C304ND BRIGHT-BD-C304ND Datasheet
239Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com