Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC352R440T065VM-00 Datasheet(PDF) 4 Page - Vicor Corporation

No. de pieza BC352R440T065VM-00
Descripción Electrónicos  BCM Array?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC352R440T065VM-00 Datasheet(HTML) 4 Page - Vicor Corporation

  BC352R440T065VM-00 Datasheet HTML 1Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 2Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 3Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 4Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 5Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 6Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 7Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 8Page - Vicor Corporation BC352R440T065VM-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APPLICATION CHARACTERISTICS
All specifications are at TC = 25º unless otherwise noted. See associated figures for general trend data.
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
TYP
UNIT
No Load Power
PNL
VIN = 352 V, PC enabled; See Figure 1
12
W
Inrush Current Peak
INR_P
COUT = 100 µF, POUT = 650 W
4
A
Efficiency (Ambient)
η
VIN = 352 V, POUT = 650 W
96
%
Efficiency (Hot – 100°C)
η
VIN = 352 V, POUT = 650 W
96
%
Output Voltage Ripple
VOUT_PP
COUT = 0 uF, POUT = 650 W @ VIN = 352,
216
mV
VIN = 352 V
Undervoltage Lockout
TUVLO
150
µs
Response Time Constant
Output Overcurrent
TOCP
20 < IOCP < 30 A
7.5
ms
Response Time Constant
Overvoltage Lockout
TOVLO
120
µs
Response Time Constant
SPECIFICATIONS
VI BRICK BCM Array
BC352R440T065VM-00
vicorpower.com
Rev. 1.0
Page 4 of 10
Parameter
Min
Typ
Max
Unit
Note
Mechanical
See Mechanical Drawings
Weight
3.2/92
oz /g
Dimensions
Length
3.54/ 89,9
3.55/ 90,1
in / mm
Width
0.56/ 14,2
0.57/ 14,6
in / mm
Height
1.13/ 28,7
1.18/ 30,0
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Operating temperature - heatsink
100
°C
See thermal curve, Figure 14
Junction-to-heatsink thermal impedance (RθJC)
0.50
0.65
°C/ W
Heatsink temperature measured
in location shown in Figure 15
Heatsink to ambient thermal impedance (RθHA)
5.95
6.10
°C/ W
Refer to http://www.vicorpower.com/
technical_library/calculators/calc_t~1.xls
GENERAL


Número de pieza similar - BC352R440T065VM-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC352R110T060VM-00 VICOR-BC352R110T060VM-00 Datasheet
337Kb / 6P
   BCM Array?
More results

Descripción similar - BC352R440T065VM-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC384R120T060VM-00 VICOR-BC384R120T060VM-00 Datasheet
336Kb / 6P
   BCM Array?
BC352R110T060VM-00 VICOR-BC352R110T060VM-00 Datasheet
337Kb / 6P
   BCM Array?
BC384R480T065VM-00 VICOR-BC384R480T065VM-00 Datasheet
926Kb / 10P
   BCM Array?
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com