Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BC384A120T030TP Datasheet(Hoja de datos) 5 Page - Vicor Corporation

No. de Pieza. BC384A120T030TP
Descripción  BCM™ Bus Converter
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

 
 5 page
background image
Bus Converter Module
BC384A120T030FP
vicorpower.com
Rev. 1.0
Page 5 of 11
SPECIFICATIONS (CONT.)
OUTPUT WAVEFORMS
Figure 8 — Output voltage ripple at full load and 384 Vin with 10 µF
ceramic external bypass capacitor and 20 nH of distribution inductance.
Figure 7 — Output voltage ripple at full load and 384 Vin without any
external bypass capacitor.
Ripple vs. Output Power
40
60
80
100
120
140
160
180
200
0
30
60
90
120
150
180
210
240
270
300
Output Power (W)
Figure 9 — Output voltage ripple vs. output power at 384 Vin without
any external bypass capacitor.
Figure 10 — 0 -25 A load step with 2.2 µF input capacitor and no
output capacitor.
Figure 11 — 25- 0 A load step with 2.2 µF input capacitor and no
output capacitor.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl