Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC384A120T030TP Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza BC384A120T030TP
Descripción Electrónicos  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384A120T030TP Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BC384A120T030TP Datasheet HTML 2Page - Vicor Corporation BC384A120T030TP Datasheet HTML 3Page - Vicor Corporation BC384A120T030TP Datasheet HTML 4Page - Vicor Corporation BC384A120T030TP Datasheet HTML 5Page - Vicor Corporation BC384A120T030TP Datasheet HTML 6Page - Vicor Corporation BC384A120T030TP Datasheet HTML 7Page - Vicor Corporation BC384A120T030TP Datasheet HTML 8Page - Vicor Corporation BC384A120T030TP Datasheet HTML 9Page - Vicor Corporation BC384A120T030TP Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Bus Converter Module
BC384A120T030FP
vicorpower.com
Rev. 1.0
Page 6 of 11
SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
3.5
Mhrs
25°C, GB
Isolation specifications
Voltage
4242
Vdc
Input to output
Capacitance
500
pF
Input to output
Resistance
10
Input to output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
RoHS
Mechanical
See Mechanical Drawings, Figure 18, 19
Weight
1.10/31,3
oz /g
Dimensions
Length
1.91/ 48,6
in / mm
Baseplate model
Width
1.09/ 27,7
in / mm
Baseplate model
Height
0.37/ 9,5
in / mm
Baseplate model
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
23.8
Ws /°C
Baseplate to ambient
7.7
°C / W
Baseplate to ambient; 1000 LFM
2.9
°C / W
Baseplate to sink; flat greased surface
0.40
°C / W
Baseplate to sink; thermal pad
0.36
°C / W
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Primary control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
2.4
2.5
2.9
mA
Source only
Enable delay time
240
ms
Disable delay time
40
µs
See Figure 12, time from PC low to output low
Auxiliary Pins
Figure 12 — VOUT at full load vs. PC disable
Figure 13 — PC signal during fault


Número de pieza similar - BC384A120T030TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Descripción similar - BC384A120T030TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com