Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC384R120T060VM-00 Datasheet(PDF) 2 Page - Vicor Corporation

No. de pieza BC384R120T060VM-00
Descripción Electrónicos  BCM Array?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384R120T060VM-00 Datasheet(HTML) 2 Page - Vicor Corporation

  BC384R120T060VM-00 Datasheet HTML 1Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 2Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 3Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 4Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 5Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VI BRICK BCM Array
BC384R120T060VM-00
vicorpower.com
Rev. 1.1
Page 2 of 6
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
360
384
400
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
320
Vdc
Input undervoltage turn-off
280
Vdc
Input overvoltage turn-on
400
Vdc
Input overvoltage turn-off
440
Vdc
Input quiescent current
2.2
mA
PC low
Input current
1.7
Adc
No load power dissipation
11.6
16.6
W
Internal input capacitance
0.4
µF
Internal input inductance
2.5
µH
Parameter
Min
Typ
Max
Unit
Note
Output voltage
11.3
12.5
Vdc
No load; 360 – 400 VIN
10.8
12.0
Vdc
Full load; 360 – 400 VIN
Output power
0
600
W
360 - 400 VIN ; 100°C heat sink max. temp.
Rated DC current
0
55.4
Adc
POUT ≤ 600 W
Peak repetitive power
900
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
Efficiency
Half load
94.1
95.2
%
Full load
94.2
95.3
%
Internal output inductance
0.6
nH
Internal output capacitance
62.0
µF
Effective value
Load capacitance
2,000
µF
Output overvoltage setpoint
12.5
Vdc
Output ripple voltage
No external bypass
222
450
mV p-p
Short circuit protection set point
56.4
Adc
Module will shut down
Average short circuit current
0.46
A
Effective switching frequency
3.3
3.4
3.5
MHz
Fixed, 1.7 MHz per phase per each BCM
Line regulation
K
0.0309
1/32
0.0316
VOUT = K•VIN at no load
Load regulation
ROUT
7.5
10.0
m
Ω
Output overshoot
Input turn-on
50
mV
No output filter
PC enable
50
mV
No output filter
Output turn-on delay
From application of power
1180
ms
No output filter
From release of PC pin
240
ms
No output filter
SPECIFICATIONS
Input Specifications (Conditions are at 384 Vin, full load, and 25°C ambient unless otherwise specified)
Output Specifications (Conditions are at 384 Vin, full load, and 25°C ambient unless otherwise specified)


Número de pieza similar - BC384R120T060VM-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC384R480T065VM-00 VICOR-BC384R480T065VM-00 Datasheet
926Kb / 10P
   BCM Array?
More results

Descripción similar - BC384R120T060VM-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC352R110T060VM-00 VICOR-BC352R110T060VM-00 Datasheet
337Kb / 6P
   BCM Array?
BC352R440T065VM-00 VICOR-BC352R440T065VM-00 Datasheet
956Kb / 10P
   BCM Array?
BC384R480T065VM-00 VICOR-BC384R480T065VM-00 Datasheet
926Kb / 10P
   BCM Array?
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com