Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML329G2-11 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de pieza ML329G2-11
Descripción Electrónicos  LASER DIODES FOR INDUSTRIAL SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML329G2-11 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML329G2-11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML329G2-11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML329G2-11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML329G2-11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUBISHI
ELECTRIC
( 2 / 4 )
ML3xx2 LD SERIES
MITSUBISHI LASER DIODES
FOR INDUSTRIAL SYSTEMS
As of Oct. 2009
OUTLINE DRAWINGS
ML320G2
ML320G2
LD
(2)
(1)
(3)
CASE
φ
5.6mm
ML329G2
ML329G2
φ
3.8mm
LD
(2)
(1)
(3)
CASE
0.25±0.15
φ1.43±0.3 (P.C.D)
0.8±0.15
0.3
φ3.8 +0
-0.03
φ2.56±0.1
φ3.06±0.3
Reference plane
3-φ0.35±0.1
(1) (3) (2)
φ1.3±0.1
Dimentions in mm
φ2.0±0.3 (P. C. D. )
0.4
+0.1
-0
φ1.6±0.1
φ3.55±0.1
φ4.4
+0
-0.03
φ5.6
3-φ0.45±0.1
x
(1)
(2)
(3)
Reference plane
1.0±0.1
Dimentions in mm
+0.2
-0.3
0.2±0.08
0.4MAX


Número de pieza similar - ML329G2-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
ML322PZA COILCRAFT-ML322PZA Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA102MLZ COILCRAFT-ML322PZA102MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA103MLZ COILCRAFT-ML322PZA103MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA104MLZ COILCRAFT-ML322PZA104MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA153MLZ COILCRAFT-ML322PZA153MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
More results

Descripción similar - ML329G2-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
ML101J24 MITSUBISHI-ML101J24 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J26 MITSUBISHI-ML101J26 Datasheet
29Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J25 MITSUBISHI-ML101J25 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J23 MITSUBISHI-ML101J23 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML520G71 MITSUBISHI-ML520G71 Datasheet
131Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
   LASER DIODES FOR PUMPING, COSMETIC
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com