Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML329G2-11 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de pieza ML329G2-11
Descripción Electrónicos  LASER DIODES FOR INDUSTRIAL SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML329G2-11 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML329G2-11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML329G2-11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML329G2-11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML329G2-11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUBISHI
ELECTRIC
( 3 / 4 )
ML3xx2 LD SERIES
MITSUBISHI LASER DIODES
FOR INDUSTRIAL SYSTEMS
As of Oct. 2009
0
20
40
60
80
100
120
0
50
100
150
200
Current (mA)
CW
-50 -40 -30 -20 -10 0 10 20 30 40 50
Angle (°)
Po=120mW
CW
θ⊥=17°
θ∥=8°
Typical Characteristics of ML320G2
Light Output Power vs. Current (CW)
Peak Wavelength vs. Light Output Power
Peak Wavelength vs. Temperature
Far-Field-Patterns
Tc=0 25 40 60 75 80℃
390
395
400
405
410
415
0
10203040 506070 80
Temperature (℃)
Po=120mW
CW
~0.06nm/℃
390
395
400
405
410
415
050
100
150
Light output Power (mW)
Tc=25℃
CW
~0.01nm/mW


Número de pieza similar - ML329G2-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
ML322PZA COILCRAFT-ML322PZA Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA102MLZ COILCRAFT-ML322PZA102MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA103MLZ COILCRAFT-ML322PZA103MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA104MLZ COILCRAFT-ML322PZA104MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
ML322PZA153MLZ COILCRAFT-ML322PZA153MLZ Datasheet
232Kb / 2P
   High Reliability Power Inductors
More results

Descripción similar - ML329G2-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
ML101J24 MITSUBISHI-ML101J24 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J26 MITSUBISHI-ML101J26 Datasheet
29Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J25 MITSUBISHI-ML101J25 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J23 MITSUBISHI-ML101J23 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML520G71 MITSUBISHI-ML520G71 Datasheet
131Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
   LASER DIODES FOR PUMPING, COSMETIC
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com