Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML329G2-11 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor |
|
ML329G2-11 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor |
1 / 4 page MITSUBISHI ELECTRIC ( 1 / 4 ) ML3xx2 LD SERIES MITSUBISHI LASER DIODES FOR INDUSTRIAL SYSTEMS As of Oct. 2009 ML320G2-11 / ML329G2-11 TYPE NAME DESCRIPTION ML3XX2 is a high-power, high-efficient blue-violet semiconductor laser which provides a stable, single transverse mode oscillation with emission wavelength of 405nm and standard light output of 120mW(CW). FEATURES APPLICATION • High Output Power: 120mW (CW) • High Efficiency: 1.7mW/mA (typ.) • Visible Light: 405nm (typ.) • Package: φ5.6mm TO-CAN PKG (ML320G2) φ3.8mm TO-CAN PKG (ML329G2) • Industrial , Bio-medical systems ABSOLUTE MAXIMUM RATINGS (Note 1) °C -40 ~ +100 - Storage temperature Tstg °C +5 ~ +80 - Case temperature Tc V 2 - Reverse voltage VRL mW 120 CW Light output power Po Unit Ratings Conditions Parameter Symbol Note1: The maximum rating means the limitation over which the laser should not be operated even instant time. This does not mean the guarantee of its lifetime. Additionally, LD lifetime is strongly dependent on the case temperature. As for the reliability, please refer to the reliability report issued by Quality Assurance Section, HF & Optical Semiconductor Division, Mitsubishi Electric Corporation. ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25°C) ° 21 17 15 CW, Po=120mW Beam divergence angle (perpendicular) θ⊥ ° 12 8 6 CW, Po=120mW Beam divergence angle (parallel) θ// nm 410 405 400 CW, Po=120mW Peak wavelength λp mW/mA 2.0 1.7 1.3 CW, Po=120mW Slope efficiency η V 6.0 5.0 - CW, Po=120mW Operating voltage Vop mA 160 120 - CW, Po=120mW Operating current Iop mA 70 45 - CW Threshold current Ith Unit Max Typ. Min. Test conditions Parameter Symbol Please note that this data sheet may be changed without any notice. |
Número de pieza similar - ML329G2-11 |
|
Descripción similar - ML329G2-11 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |