Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SZ02F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7SZ02F
Descripción Electrónicos  2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ02F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ02F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ02F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7SZ02F/FU
2009-06-09
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
2.0
4.4
9.5
2.0
10.0
2.5
± 0.2
0.8
2.9
6.5
0.8
7.0
3.3
± 0.3
0.5
2.3
4.5
0.5
4.7
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
1.9
3.9
0.5
4.1
3.3
± 0.3
1.5
2.9
5.0
1.5
5.2
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
2.4
4.3
0.8
4.5
ns
Input capacitance
CIN
0 to 5.5
4
pF
3.3
23
Power dissipation capacitance
CPD
(Note 7)
5.5
30
pF
Note 7: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC


Número de pieza similar - TC7SZ02F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ02F TOSHIBA-TC7SZ02F Datasheet
162Kb / 5P
   2 INPUT NOR GATE
TC7SZ02F TOSHIBA-TC7SZ02F Datasheet
175Kb / 7P
   2 INPUT NOR GATE
TC7SZ02FE TOSHIBA-TC7SZ02FE Datasheet
160Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ02FU TOSHIBA-TC7SZ02FU Datasheet
162Kb / 5P
   2 INPUT NOR GATE
TC7SZ02FU TOSHIBA-TC7SZ02FU Datasheet
175Kb / 7P
   2 INPUT NOR GATE
More results

Descripción similar - TC7SZ02F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com