Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP105 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP105
Descripción Electrónicos  PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP105 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP105 Datasheet HTML 1Page - Toshiba Semiconductor TLP105 Datasheet HTML 2Page - Toshiba Semiconductor TLP105 Datasheet HTML 3Page - Toshiba Semiconductor TLP105 Datasheet HTML 4Page - Toshiba Semiconductor TLP105 Datasheet HTML 5Page - Toshiba Semiconductor TLP105 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP105
2008-08-27
1
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC
TLP105
Isolated bus drivers
High-speed line receivers
Microprocessor system interfaces
The Toshiba TLP105 consists of a GaAℓAs light emitting diode optically
coupled to a high-gain, high-speed photodetector.
The TLP105 is housed in a 6-pin MFSOP.
With a totem-pole output, the TLP105 is capable of both sinking and
sourcing current.
The TLP105 has an internal Faraday shield, which provides a
guaranteed common-mode transient immunity of ±10 kV/μs.
The TLP105 has a noninverting output. An inverting-output version, the
TLP108, is also available.
Buffer logic type (totem-pole output)
Guaranteed Performance Over Temperature: -40 to 100°C
Power Supply Voltage: 4.5 to 20 V
Input Threshold Current: IFLH =1.6 mA (max)
Switching Time (tpLH/tpHL): 250 ns (max)
Common mode transient immunity: ±10 kV/
μs
Isolation Voltage: 3750 Vrms
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
JEDEC
TOSHIBA
11-4C2
Weight: 0.09 g (typ.)
Unit in mm
Pin Configuration (top View)
Schematic
1:ANODE
3:CATHODE
4:GND
5:VO(Output)
6:VCC
VCC
GND
SHIELD
1
3
4
5
6
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2
0.1
μF bypass capacitor must be
connected between pin 6 and 4.


Número de pieza similar - TLP105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
More results

Descripción similar - TLP105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com