Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3216 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TLP3216
Descripción Electrónicos  PHOTOCOUPLER PHOTO RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3216 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3216_08 Datasheet HTML 1Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 2Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 3Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 4Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 5Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 6Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP3216
2008-03-03
3
Coupled Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Trigger LED Current
IFT
ION = 100 mA
4
mA
Return LED Current
IFC
IOFF = 10 μA
0.2
0.75
mA
On-State Resistance
RON
ION = 120 mA, IF = 5 mA, t < 1 s
10
15
Ω
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
0.3
pF
Isolation Resistance
RS
VS = 500 V, R.H. ≤ 60%
5
× 1010
1014
Ω
AC, 1 minute
1500
AC, 1 second (in oil)
3000
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
3000
Vdc
Switching Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Turn-on Time
tON
50
500
Turn-off Time
tOFF
RL = 200 Ω
(Note 4)
VDD = 10 V, IF = 5 mA
120
500
μs
Note 4: Switching time test circuit
4
RL
VDD
VOUT
3
1
2
IF
VOUT
IF
tON
tOFF
90%
10%


Número de pieza similar - TLP3216_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
More results

Descripción similar - TLP3216_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
   Photocoupler Photo Relay
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
   PHOTOCOUPLER PHOTO RELAY
TLP3203 TOSHIBA-TLP3203 Datasheet
205Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com