Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM340AT-12 Datasheet(PDF) 8 Page - Motorola, Inc

No. de pieza LM340AT-12
Descripción Electrónicos  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340AT-12 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button LM340AT-12 Datasheet HTML 4Page - Motorola, Inc LM340AT-12 Datasheet HTML 5Page - Motorola, Inc LM340AT-12 Datasheet HTML 6Page - Motorola, Inc LM340AT-12 Datasheet HTML 7Page - Motorola, Inc LM340AT-12 Datasheet HTML 8Page - Motorola, Inc LM340AT-12 Datasheet HTML 9Page - Motorola, Inc LM340AT-12 Datasheet HTML 10Page - Motorola, Inc LM340AT-12 Datasheet HTML 11Page - Motorola, Inc LM340AT-12 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM340, A Series
8
MOTOROLA ANALOG IC DEVICE DATA
LM340A–12
ELECTRICAL CHARACTERISTICS (Vin = 19 V, IO = 1.0 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
11.75
12
12.25
Vdc
Line Regulation
14.8 Vdc to 27 Vdc, IO = 500 mA
14.5 Vdc to 30 Vdc (TJ = +25°C)
16 Vdc to 22 Vdc
16 Vdc to 22 Vdc (TJ = +25°C)
Regline
4.0
18
18
30
9.0
mV
Load Regulation
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
60
32
19
mV
Output Voltage
14.8
≤ Vin ≤ 27 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
11.5
12.5
Vdc
Quiescent Current
TJ = +25°C
IB
3.5
6.5
6.0
mA
Quiescent Current Change
5.0 mA
≤ IO ≤ 1.0 A, Vin = 19 V
15
≤ Vin ≤ 30 Vdc, IO = 500 mA
14.8
≤ Vin ≤ 27 Vdc, IO = 1.0 A(TJ = +25°C)
∆IB
0.5
0.8
0.8
mA
Ripple Rejection
15
≤ Vin ≤ 25 Vdc, f = 120 Hz
IO = 500 mA
IO = 1.0 A (TJ = +25°C)
RR
61
61
72
dB
Dropout Voltage
VI – VO
1.7
Vdc
Output Resistance (f = 1.0 kHz)
rO
2.0
m
Short Circuit Current Limit (TJ = +25°C)
ISC
1.1
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
75
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
±1.5
mV/
°C
Peak Output Current (TJ = +25°C)
IO
2.4
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
14.5
Vdc
NOTE: 1. Tlow to Thigh = 0° to +125°C


Número de pieza similar - LM340AT-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM340AT-12 MOTOROLA-LM340AT-12 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340AT-12 ONSEMI-LM340AT-12 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
More results

Descripción similar - LM340AT-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com