Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1116A Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

No. de pieza ST1116A
Descripción Electrónicos  Variable Speed Double Coil Brushless DC Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITI [Silicon Touch Technology Inc.]
Página de inicio  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1116A Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

  ST1116A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1116A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1116A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1116A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1116A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1116A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1116A Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1116A
SP-ST1116A-A.006
Version
:A.006
Page
:5
Power Dissipation-Temperature
0
50
100
150
200
250
300
350
400
450
500
550
600
0
25
50
75
100
125
Ambient Temperature ( ℃ )
Application Notes
The RD pin is an open-drained output of rotation detection. This pin connected with a pull-up
resistor outputs a low level during motor drive and a high level when the motor is stopped.
The output voltage of OUT pin depends on the input voltage of VRIN pin. The relationship
between the typical output voltage and the voltage of VRIN pin is shown as following table:
Output Voltage
0.00
2.00
4.00
6.00
8.00
10.00
12.00
2345
678
Voltage of VRIN (Vol.)
The power dissipated by the IC varies widely with the supply voltage, the output current, and
loading.
It is important to ensure the application does not exceed the allowable power
dissipation of the IC package.
The recommended motor driver power dissipation versus
temperature is depicted as follows:


Número de pieza similar - ST1116A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
ST111608 E-SWITCH-ST111608 Datasheet
75Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111609 E-SWITCH-ST111609 Datasheet
45Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111611 E-SWITCH-ST111611 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Silicon Touch Technolog...
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
More results

Descripción similar - ST1116A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308CX ETC1-PT-308CX Datasheet
99Kb / 1P
   Double Coil Motor Driver IC
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com