Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMLDL-3070Z Datasheet(PDF) 6 Page - AIMTEC

No. de pieza AMLDL-3070Z
Descripción Electrónicos  Up to 1000mA | LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3070Z Datasheet(HTML) 6 Page - AIMTEC

Back Button AMLDL-3070Z Datasheet HTML 2Page - AIMTEC AMLDL-3070Z Datasheet HTML 3Page - AIMTEC AMLDL-3070Z Datasheet HTML 4Page - AIMTEC AMLDL-3070Z Datasheet HTML 5Page - AIMTEC AMLDL-3070Z Datasheet HTML 6Page - AIMTEC AMLDL-3070Z Datasheet HTML 7Page - AIMTEC AMLDL-3070Z Datasheet HTML 8Page - AIMTEC AMLDL-3070Z Datasheet HTML 9Page - AIMTEC AMLDL-3070Z Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Series AMLDL-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.E
6 of 15
North America only
Resistive Dimming Control
A simplified dimming control can be achieved using a variable resistor connected between VADJ and GND. Capacitor CADJ
is optional, it is installed to limit AC mains interference and high frequency noise. The recommended value of CADJ is
0.22µF.
Model Number
X
AMLDL-3030Z
0.327
AMLDL-3035Z
0.280
AMLDL-3050Z
0.197
AMLDL-3060Z
0.165
AMLDL-3070Z
0.1388
AMLDL-30100Z
0.095
Output Current Adjustment by PWM Control:
Driving VADJ Directly
A Pulse Width Modulated (PWM) signal with a duty cycle of DPWM can be applied directly to VADJ pin as shown below.
Model Number
X
AMLDL-3030Z
0.327
AMLDL-3035Z
0.280
AMLDL-3050Z
0.197
AMLDL-3060Z
0.165
AMLDL-3070Z
0.1388
AMLDL-30100Z
0.095
Driving VADJ Via Open Collector Transistor
The VADJ can also be driven via an open collector transistor as shown below.
The diode and resistor serve to suppress any possible high amplitude negative voltage spikes to the VADJ input resulting
from the collector to emitter capacitance of the transistor. Any negative voltage spikes will cause errors in output current
and/or unstable driver operation.
AMLDL-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
PWM
0V
1.25V
GND
Last LED
AMLDL-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
RADJ
CADJ
The output current is given by:
Iout ˜
(0.08 / X) x Radj
(Radj + 200K)
The output current is given by:
0.1 x DPWM
X
Iout ˜
[for 0<DPWM<1]
AMLDL-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
PWM
0V
GND
1
Last LED
1.25V
10K


Número de pieza similar - AMLDL-3070Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLDL-3070Z AIMTEC-AMLDL-3070Z Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDL-3070Z AIMTEC-AMLDL-3070Z Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
More results

Descripción similar - AMLDL-3070Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com