Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMPL-1216-UZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AMPL-1216-UZ
Descripción Electrónicos  Up to 80 Watt | DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMPL-1216-UZ Datasheet(HTML) 3 Page - AIMTEC

  AMPL-1216-UZ Datasheet HTML 1Page - AIMTEC AMPL-1216-UZ Datasheet HTML 2Page - AIMTEC AMPL-1216-UZ Datasheet HTML 3Page - AIMTEC AMPL-1216-UZ Datasheet HTML 4Page - AIMTEC AMPL-1216-UZ Datasheet HTML 5Page - AIMTEC AMPL-1216-UZ Datasheet HTML 6Page - AIMTEC AMPL-1216-UZ Datasheet HTML 7Page - AIMTEC AMPL-1216-UZ Datasheet HTML 8Page - AIMTEC AMPL-1216-UZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
`
Series AMPL-UZ 16A
Up to 80 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 055e R3.D
3 of 9
North America only
Typical Applications (continued):
With control function:
Output ripple and Noise Measurement – test set up:
Note: This test set up configuration for measuring the output voltage ripple and the reflected input ripple current is using C1 and
C3 tantalum capacitors with ESR<150mΩ and C2 and C4 ceramic capacitors.


Número de pieza similar - AMPL-1216-UZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMPL-1210-UZ AIMTEC-AMPL-1210-UZ Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
More results

Descripción similar - AMPL-1216-UZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
   Up to 15 Watt DC-DC Converter
FBSERIES DATEL-FBSERIES Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-1 DATEL-AT45D15-1 Datasheet
1Mb / 16P
   Up to 30 Watt DC-DC Converter
logo
AIMTEC
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ Datasheet
232Kb / 4P
   Up to 13 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com