Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002K Datasheet(PDF) 1 Page - Weitron Technology

No. de pieza 2N7002K
Descripción Electrónicos  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N7002K Datasheet(HTML) 1 Page - Weitron Technology

  2N7002K Datasheet HTML 1Page - Weitron Technology 2N7002K Datasheet HTML 2Page - Weitron Technology 2N7002K Datasheet HTML 3Page - Weitron Technology 2N7002K Datasheet HTML 4Page - Weitron Technology 2N7002K Datasheet HTML 5Page - Weitron Technology 2N7002K Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WEITRON
http:www.weitron.com.tw
Maximum Ratings(TA=25℃ Unless Otherwise Specified)
Rating
Symbol
Value
Unit
VDS
60
V
VGS
3,V
GS @10V(TA
640
,V
GS @10V(TA
I D
500
Pulsed Drain Current1,2
I DM
950
mA
˚C
˚C
Tota l Po wer Dis sipation(TA=25˚C )
PD
1.38
W
Maximum Junction-ambient 3
R θJA
90
TJ
Tstg
Device Marking
2N7002K
N-Channel Enhancement
Mode Power MOSFET
SOT-23
1
2
3
1/6
1
2
3
GATE
SOURCE
DRAIN
DRAIN CURRENT
640m AMPERES
DRAIN SOURCE VOLTAGE
60 VOLTAGE
Lead(Pb)-Free
P b
Description:
The 2N7002K utilized advanced processing
techniques to achieve the lowest possible on-resistance,
extr
nt and cost-e ectiveness device.
The 2N7002K is universally used for all commercial-
industrial applications.
*Simple Drive Requirement
*Small Package Outline
Features:
±20
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
2N7002K = RK
˚C/W
-55~+150
Rev.A 07-Aug-08
Storage Temperature Range
Operating Junction Temperature Range
+150
*
* Gate
Pretection
Diode
Gate−Source ESD Rating (HBM, Method 3015)
ESD
2500
V


Número de pieza similar - 2N7002K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN SLS TECHNOLOGY...
2N7002K SHENZHENSLS-2N7002K Datasheet
307Kb / 1P
   Plastic-Encapsulate MOSFETS
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
logo
Nexperia B.V. All right...
2N7002K NEXPERIA-2N7002K Datasheet
347Kb / 13P
   TrenchMOS™ logic level FET
Rev. 01 - 20 October 2003
logo
Diodes Incorporated
2N7002K DIODES-2N7002K Datasheet
248Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Formosa MS
2N7002K FORMOSA-2N7002K Datasheet
207Kb / 9P
   N-Channel SMD MOSFET ESD Protection
More results

Descripción similar - 2N7002K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com