Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAC15-4FP Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MAC15-4FP
Descripción Electrónicos  ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC15-4FP Datasheet(HTML) 3 Page - Motorola, Inc

  MAC15-4FP Datasheet HTML 1Page - Motorola, Inc MAC15-4FP Datasheet HTML 2Page - Motorola, Inc MAC15-4FP Datasheet HTML 3Page - Motorola, Inc MAC15-4FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC15FP Series MAC15AFP Series
3–65
Motorola Thyristor Device Data
Figure 4. Typical Gate Trigger Current
Figure 1. RMS Current Derating
Figure 3. Typical Gate Trigger Voltage
Figure 2. On-State Power Dissipation
Figure 5. Maximum On-State Characteristics
130
120
100
80
90
110
14
0
2
4
6
8
12
10
16
dc
30
°
60
°
90
°
α = CONDUCTION ANGLE
α
α
125
°C
150
° to 180°
TJ = 125°C
α = CONDUCTION ANGLE
α
α
α = 180°
30
°
60
°
90
°
120
°
dc
16
20
8
12
4
0
14
0
2
4
6
8
12
10
16
IT(RMS), RMS ON-STATE CURRENT (AMP)
IT(RMS), RMS ON-STATE CURRENT (AMP)
–60
120
–40
0
–20
20
40
60
80
100
140
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
0.7
0.5
0.3
3
2
1
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
0.7
0.5
0.3
3
2
1
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
1
30
2
3
5
7
10
20
50
70
100
0.1
0.7
0.5
0.3
0.2
TJ = 25°C
125
°C
4
0.4
0.8
1.2
1.6
2
2.4
2.8
3.6
3.2
4.4
vT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
TJ, JUNCTION TEMPERATURE (°C)
TYPICAL CHARACTERISTICS


Número de pieza similar - MAC15-4FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GE Solid State
MAC15-4 GESS-MAC15-4 Datasheet
149Kb / 4P
   15-A Silicon Triacs
logo
Digitron Semiconductors
MAC15-4 DIGITRON-MAC15-4 Datasheet
215Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
More results

Descripción similar - MAC15-4FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
T2500FP MOTOROLA-T2500FP Datasheet
83Kb / 4P
   ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC210FP NJSEMI-MAC210FP Datasheet
133Kb / 2P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com