Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBC110H Datasheet(PDF) 2 Page - Zowie Technology Corporation

No. de pieza SMBC110H
Descripción Electrónicos  Schottky Bridge Rectifier Preliminary
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMBC110H Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SMBC110H Datasheet HTML 1Page - Zowie Technology Corporation SMBC110H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(40V~100V / 1A)
SMBC104H THRU SMBC110H
2009/03
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
1.0
0.5
2.0
2.5
1.5
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE,
o
C
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
5
10
15
35
30
25
20
1
10
100
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0
0.001
10
0.01
0.10
1.00
0.1
0.2
0.3
0.4
0.5
0.8
1.0
0.9
0.7
0.6
Ta=25
oC
SMBC104H
SMBC106H
SMBC110H
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
.001
0
20
0.10
1.0
10
100
TJ=100
oC
TJ=25
oC
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
0
3000
1.0
10
100
1000
500
200


Número de pieza similar - SMBC110H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
SMBC104LH ZOWIE-SMBC104LH Datasheet
59Kb / 2P
   Low VF Schottky Bridge Rectifier
More results

Descripción similar - SMBC110H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
SMBC204H ZOWIE-SMBC204H Datasheet
49Kb / 2P
   Schottky Bridge Rectifier Preliminary
SMBCM104LH ZOWIE-SMBCM104LH Datasheet
63Kb / 2P
   Low VF Schottky Bridge Rectifier Preliminary
logo
IXYS Corporation
DSSK38-0025B IXYS-DSSK38-0025B Datasheet
31Kb / 1P
   Power Schottky Rectifier Preliminary Data
logo
Central Semiconductor C...
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12S YANGJIE-MBSK12S_17 Datasheet
123Kb / 2P
   Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
   Schottky Bridge Rectifier
SCD345MH ZOWIE-SCD345MH Datasheet
48Kb / 2P
   Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com