Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-4516CD64ES Datasheet(PDF) 8 Page - Elpida Memory

No. de pieza MC-4516CD64ES
Descripción Electrónicos  16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CD64ES Datasheet(HTML) 8 Page - Elpida Memory

Back Button MC-4516CD64ES Datasheet HTML 4Page - Elpida Memory MC-4516CD64ES Datasheet HTML 5Page - Elpida Memory MC-4516CD64ES Datasheet HTML 6Page - Elpida Memory MC-4516CD64ES Datasheet HTML 7Page - Elpida Memory MC-4516CD64ES Datasheet HTML 8Page - Elpida Memory MC-4516CD64ES Datasheet HTML 9Page - Elpida Memory MC-4516CD64ES Datasheet HTML 10Page - Elpida Memory MC-4516CD64ES Datasheet HTML 11Page - Elpida Memory MC-4516CD64ES Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet E0065N10
8
Synchronous Characteristics
Parameter
Symbol
-A10B
Unit
Note
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
10
(100 MHz)
ns
/CAS latency = 2
tCK2
15
(67 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
7
ns
1
/CAS latency = 2
tAC2
8
ns
1
CLK high level width
tCH
3.5
ns
CLK low level width
tCL
3.5
ns
Data-out hold time
tOH
3
ns
1
Data-out low-impedance time
tLZ
0
ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
3
7
ns
/CAS latency = 2
tHZ2
3
8
ns
Data-in setup time
tDS
2.5
ns
Data-in hold time
tDH
1
ns
Address setup time
tAS
2.5
ns
Address hold time
tAH
1
ns
CKE setup time
tCKS
2.5
ns
CKE hold time
tCKH
1
ns
CKE setup time (Power down exit)
tCKSP
2.5
ns
Command (/CS0, /CS1, /RAS, /CAS, /WE,
DQMB0 - DQMB7) setup time
tCMS
2.5
ns
Command (/CS0, /CS1, /RAS, /CAS, /WE,
DQMB0 - DQMB7) hold time
tCMH
1
ns
Note 1. Output load
Output
Z = 50
50 pF
Remark
These specifications are applied to the monolithic device.


Número de pieza similar - MC-4516CD64ES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES-A10B NEC-MC-4516CD64ES-A10B Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results

Descripción similar - MC-4516CD64ES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-45D16CD641KS ELPIDA-MC-45D16CD641KS Datasheet
177Kb / 14P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com