Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5539A Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza 2SC5539A
Descripción Electrónicos  NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5539A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5539A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5539A
No. A1097-2/6
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Transfer Gain
⏐S21e⏐
2
VCE=5V, IC=30mA, f=1GHz
10
12
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.1
2.0
dB
Package Dimensions
Marking
unit : mm (typ)
7029-002
0.25
0.2
1.4
0.45
1
3
2
0.1
2
3
1
Top View
Bottom View
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
fT -- IC
Collector Current, IC -- mA
0
0
10
IT01418
IT01420
IT01419
IT01421
0.10mA
20
30
40
50
2
6
4
8
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
10
3
5
7 1.0
2
3
5
7 10
2
3
2
3
5
7 100
2
3
5
7
100
2
3
5
7
1.0
2
3
57
10
23
5
7
100
1.0
2
3
5
7
10
IB=0mA
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.05mA
VCE=5V
2V
V CE
=5V
2V
1
3
2
1 : Base
2 : Emitter
3 : Collector
Top View
ND


Número de pieza similar - 2SC5539A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
More results

Descripción similar - 2SC5539A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6025 SANYO-2SC6025 Datasheet
68Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013 Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H08C SANYO-EC4H08C Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H09C SANYO-EC4H09C Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
EC3H02BA SANYO-EC3H02BA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
Toshiba Semiconductor
MT6L58AE TOSHIBA-MT6L58AE Datasheet
87Kb / 3P
   TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com