Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5539A Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza 2SC5539A
Descripción Electrónicos  NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5539A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5539A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5539A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5539A
No. A1097-5/6
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.842
--43.0
13.211
152.2
0.035
68.0
0.905
--19.6
200
0.753
--76.7
10.474
132.8
0.056
53.0
0.746
--31.7
400
0.666
--116.6
6.960
109.6
0.073
41.7
0.542
--40.9
600
0.628
--137.8
5.029
96.7
0.081
40.2
0.452
--43.3
800
0.610
--150.4
3.885
87.9
0.086
42.6
0.409
--44.9
1000
0.602
--158.9
3.146
81.2
0.092
46.5
0.381
--47.0
1200
0.594
--165.4
2.663
75.3
0.100
50.4
0.371
--49.2
1400
0.589
--171.0
2.308
70.1
0.109
54.2
0.367
--52.0
1600
0.586
--175.8
2.054
65.5
0.118
57.8
0.369
--54.8
1800
0.581
179.7
1.876
61.1
0.129
60.5
0.378
--57.6
2000
0.578
175.5
1.713
57.1
0.141
63.5
0.383
--60.7
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.745
--58.2
20.417
144.3
0.031
63.5
0.829
--28.7
200
0.648
--96.1
14.809
123.3
0.046
50.4
0.612
--42.6
400
0.583
--133.3
8.762
103.2
0.059
46.3
0.398
--51.2
600
0.565
--149.8
6.104
92.8
0.069
50.1
0.318
--52.4
800
0.555
--159.9
4.666
85.6
0.079
54.1
0.281
--53.1
1000
0.548
--166.9
3.797
79.9
0.091
57.7
0.263
--54.4
1200
0.542
--172.1
3.203
74.7
0.104
60.8
0.255
--56.1
1400
0.538
--176.8
2.771
70.3
0.117
62.8
0.252
--58.6
1600
0.535
179.3
2.460
66.2
0.132
64.6
0.254
--60.8
1800
0.532
175.5
2.220
62.2
0.147
65.7
0.256
--63.3
2000
0.529
171.9
2.025
58.5
0.162
66.6
0.262
--65.9
VCE=5V, IC=30mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.600
--87.0
30.637
130.8
0.024
57.5
0.670
--42.9
200
0.544
--124.7
18.945
111.8
0.033
52.0
0.427
--56.2
400
0.526
--152.5
10.236
96.4
0.047
58.2
0.255
--61.9
600
0.521
--163.7
6.972
88.5
0.061
63.3
0.198
--62.0
800
0.517
--170.7
5.289
82.8
0.077
66.4
0.174
--62.5
1000
0.514
--175.5
4.281
78.2
0.093
68.4
0.163
--63.3
1200
0.509
--179.5
3.605
73.8
0.109
69.6
0.160
--65.1
1400
0.505
177.1
3.115
69.9
0.126
70.1
0.160
--67.5
1600
0.503
173.8
2.764
66.3
0.143
70.0
0.163
--69.4
1800
0.499
170.7
2.492
62.7
0.160
70.0
0.167
--71.5
2000
0.496
167.6
2.270
59.3
0.178
69.5
0.173
--73.5


Número de pieza similar - 2SC5539A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
More results

Descripción similar - 2SC5539A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6025 SANYO-2SC6025 Datasheet
68Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013 Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H08C SANYO-EC4H08C Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H09C SANYO-EC4H09C Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
EC3H02BA SANYO-EC3H02BA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
Toshiba Semiconductor
MT6L58AE TOSHIBA-MT6L58AE Datasheet
87Kb / 3P
   TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com