Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK433-100-E Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza STK433-100-E
Descripción Electrónicos  Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-100-E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK433-100-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-100-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK433-100-E
No. A1489-4/11
Application Circuit Example
Sample PCB Trace Pattern
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
Ch1 OUT
GND
GND
+VCC
-VCC
STK433-100-E
SUB.GND
100
μF
/100V
100
Ω/1W
100
μF
/100V
100
μF
/100V
56k
Ω
3pF
56k
Ω
3pF
Ch2 OUT
GND
3
μH
3
μH
4.7
Ω
4.7
Ω/1W
4.7
Ω
4.7
Ω/1W
0.1
μF
Ch2 IN
GND
Ch1 IN
2.2
μF
/50V
2.2
μF
/50V
1k
Ω
1k
Ω
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-VCC
SUB
GND
+PRE
ST-BY
0.1
μF
10
μF
/10V
1.8k
Ω
10
μF
/10V
1.8k
Ω
Stand-by Control (V#13)
Ch1
OUT
Ch2
OUT
-PRE
100
Ω
/1W
100
μF
/100V
100pF
100pF
C23


Número de pieza similar - STK433-100-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
More results

Descripción similar - STK433-100-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
STK4231II SANYO-STK4231II Datasheet
319Kb / 7P
   2-Channel 100W min AF Power Amp(Dual Supplies), Thick Film Hybrid IC
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com