Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB10150FCT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

No. de pieza SB10150FCT
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PACELEADER [PACELEADER INDUSTRIAL]
Página de inicio  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB10150FCT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB10150FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB10150FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 20 TO 150 VOLTS
CURRENT - 10 AMPERES
SB1020FCT thru SB10150FCT
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
Schottky Barrier Chip
Guard Ring Transient Protection
High Current Capability, Low Forward
Low Reverse Leakage Current
High surge Current Capability
Plastic Material has UL Flammability
Classification 94V-0
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
environment substance directive request
Case ITO220AB Molded plastic
Terminals Plated Lead solderable per
MIL-STD-202, Method 2026
Polarity As Marked on Body
Mounting Position Any
Weight 2.24gram
Marking Type Number
SB
1020FCT
SB
1030FCT
SB
1040FCT
SB
1050FCT
SB
1060FCT
SB
1080FCT
SB
10100FCT
SB
10150FCT
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +150
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
10
150
700
120
0.55
0.75
0.1
50
0.025
7
0.85
0.92
TJ
TSTG
mA
pF
CJ
Single phase half wave 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
PARAMETER
20
14
30
21
40
28
50
35
60
42
80
56
100
70
150
105
NOTE
1. Measured at 1.0MHz and applied reverse Voltage of 4.0V D.C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage DC Blocking Voltage
RMS Reverse Voltage
0
Average Repetitive Output Current @TC=95 C
Non-Repetitive Peak Forward surge current 8.3ms Single Half
Sine-Wave Superimosed on rated load (JEDEC Method)
Forward Voltage @IF=5A
0
Peak Reverse Current @TA=25 C
0
AT Rated DC Blocking Voltage TA=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
VRRM
VRWM
VR
VRMS
IF
IFSM
VF
IRM
VDC
Maximum DC Blocking Voltage
20
30
40
50
60
80
100
150
ITO-220AB
www.paceleader.tw


Número de pieza similar - SB10150FCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150FCT PANJIT-SB10150FCT Datasheet
431Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
More results

Descripción similar - SB10150FCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com