Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4004-4ACPZ-RL Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADA4004-4ACPZ-RL
Descripción Electrónicos  1.8 nV/?숰z, 36 V Precision Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4004-4ACPZ-RL Datasheet HTML 3Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 4Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 9Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 10Page - Analog Devices ADA4004-4ACPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 7 of 16
8
7
6
5
4
3
2
1
0
03
30
25
20
15
10
5
SUPPLY VOLTAGE (V)
5
ADA4004-4
Figure 12. Supply Current vs. Total Supply Voltage
15.00
14.75
14.50
14.25
14.00
13.75
13.50
13.25
13.00
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
–50
150
100
50
0
TEMPERATURE (°C)
VSY = ±5V
VSY = ±15V
ADA4004-4
RL = 2kΩ
Figure 13. VOH vs. Temperature
100
120
80
60
40
20
0
–40
–20
135
90
45
–45
0
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VSY = ±15V
BW = 15MHz
RL = 10MΩ
CL = 20pF
φM = 50°
GAIN
PHASE
ADA4004-4
Figure 14. Open-Loop Gain and Phase vs. Frequency
8
6
7
5
4
–50
150
100
50
0
TEMPERATURE (°C)
VSY = ±5V
VSY = ±15V
ADA4004-4
Figure 15. Supply Current vs. Temperature
–13.00
–13.25
–13.50
–13.75
–14.00
–14.25
–14.50
–14.75
–15.00
–50
150
100
50
0
–3.00
–3.25
–3.50
–3.75
–4.00
–4.25
–4.50
–4.75
–5.00
TEMPERATURE (°C)
VSY = ±5V
VSY = ±15V
ADA4004-4
RL = 2kΩ
Figure 16. VOL vs. Temperature
100
120
80
60
40
20
0
–40
–20
135
90
45
–45
0
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VSY = ±5V
BW = 12.2MHz
RL = 10MΩ
CL = 20pF
φM = 52.9°
GAIN
PHASE
ADA4004-4
Figure 17. Open-Loop Gain and Phase vs. Frequency


Número de pieza similar - ADA4004-4ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4004-4ACPZ-RL AD-ADA4004-4ACPZ-RL Datasheet
325Kb / 12P
   1.8 nV/root Hz, 36 V Precision Quad Amplifier
REV. A
ADA4004-4ACPZ-RL AD-ADA4004-4ACPZ-RL Datasheet
370Kb / 12P
   1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-4ACPZ-RL AD-ADA4004-4ACPZ-RL Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
More results

Descripción similar - ADA4004-4ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
   1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-4 AD-ADA4004-4_07 Datasheet
370Kb / 12P
   1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
logo
Texas Instruments
OPA210 TI-OPA210 Datasheet
2Mb / 38P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V01 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
[Old version datasheet]   2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
logo
Analog Devices
ADA4004-4 AD-ADA4004-4 Datasheet
325Kb / 12P
   1.8 nV/root Hz, 36 V Precision Quad Amplifier
REV. A
logo
Texas Instruments
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com