Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4004-4ARZ-RL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADA4004-4ARZ-RL
Descripción Electrónicos  1.8 nV/?숰z, 36 V Precision Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ARZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADA4004-4ARZ-RL Datasheet HTML 1Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 2Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 3Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 4Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 5Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4004-4ARZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 4 of 16
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
40
125
μV
−40°C
≤ T
A
≤ +125°C
270
μV
Input Bias Current
IB
40
90
nA
−40°C
≤ T
A
≤ +125°C
165
nA
Input Offset Current
IOS
60
nA
−40°C
≤ T
A
≤ +125°C
100
nA
Input Voltage Range
IVR
−12.5
+12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
110
113
dB
−40°C
≤ T
A
≤ +125°C
100
104
dB
Open-Loop Gain
AVO
RL = 2 kΩ, VOUT = −12.0 V to +12.0 V
500
1200
V/mV
−40°C
≤ T
A
≤ +125°C
250
500
V/mV
Offset Voltage Drift
∆VOS/∆T
−40°C
≤ T
A
≤ +125°C
0.7
1
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to ground
13.4
13.6
V
−40°C
≤ T
A
≤ +125°C
13.1
13.3
V
Output Voltage Low
VOL
RL = 2 kΩ to ground
−13.3
−13.2
V
−40°C
≤ T
A
≤ +125°C
−13.25
−13.15
V
Short-Circuit Limit
ISC
25
mA
Output Current
IO
VOUT = ±13.6 V
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY =
±5 V to ±15 V
110
118
dB
−40°C
≤ T
A
≤ +125°C
110
dB
Supply Current per Amplifier
ISY
2.2
mA
−40°C
≤ T
A
≤ +125°C
2.4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ to ground
2.7
V/μs
Gain Bandwidth Product
GBP
12
MHz
Phase Margin
ΦM
48
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
0.15
μV p-p
Voltage Noise Density
en
f = 1 kHz
1.8
nV/√Hz
Current Noise Density
in
f = 10 Hz
3.5
pA/√Hz
Current Noise Density
in
f = 200 Hz
1.2
pA/√Hz


Número de pieza similar - ADA4004-4ARZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4004-4ARZ-RL AD-ADA4004-4ARZ-RL Datasheet
325Kb / 12P
   1.8 nV/root Hz, 36 V Precision Quad Amplifier
REV. A
ADA4004-4ARZ-RL AD-ADA4004-4ARZ-RL Datasheet
370Kb / 12P
   1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-4ARZ-RL AD-ADA4004-4ARZ-RL Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
More results

Descripción similar - ADA4004-4ARZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
   1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-4 AD-ADA4004-4_07 Datasheet
370Kb / 12P
   1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
logo
Texas Instruments
OPA210 TI-OPA210 Datasheet
2Mb / 38P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V01 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
[Old version datasheet]   2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
logo
Analog Devices
ADA4004-4 AD-ADA4004-4 Datasheet
325Kb / 12P
   1.8 nV/root Hz, 36 V Precision Quad Amplifier
REV. A
logo
Texas Instruments
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com