Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1414BRUZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG1414BRUZ-REEL7
Descripción Electrónicos  9.5RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1414BRUZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1414BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG1414
Rev. 0 | Page 11 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
12
11
VDD
DIN
GND
S2
D1
S1
SCLK
D2
S3
D4
S4
D3
20
21
22
23
24
19
18
17
16
15
14
13
RESET/VL
SDO
VSS
S7
D8
S8
D7
S6
D5
S5
D6
SYNC
ADG1414
TOP VIEW
(Not to Scale)
Figure 4. TSSOP Pin Configuration
PIN 1
INDICATOR
1
GND
2
S1
3
D1
4
S2
5
D2
6
S3
15 S7
16 D8
17 S8
18 VSS
14 D7
13 S6
ADG1414
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
Figure 5. LFCSP Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
22
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. Data can be transferred at rates of up to 50 MHz.
2
23
VDD
Most Positive Power Supply Potential.
3
24
DIN
Serial Data Input. This device has an 8-bit shift register. Data is clocked into the register on the
falling edge of the serial clock input.
4
1
GND
Ground (0 V) Reference.
5
2
S1
Source Terminal 1. This pin can be an input or an output.
6
3
D1
Drain Terminal 1. This pin can be an input or an output.
7
4
S2
Source Terminal 2. This pin can be an input or an output.
8
5
D2
Drain Terminal 2. This pin can be an input or an output.
9
6
S3
Source Terminal 3. This pin can be an input or an output.
10
7
D3
Drain Terminal 3. This pin can be an input or an output.
11
8
S4
Source Terminal 4. This pin can be an input or an output.
12
9
D4
Drain Terminal 4. This pin can be an input or an output.
13
10
D5
Drain Terminal 5. This pin can be an input or an output.
14
11
S5
Source Terminal 5. This pin can be an input or an output.
15
12
D6
Drain Terminal 6. This pin can be an input or an output.
16
13
S6
Source Terminal 6. This pin can be an input or an output.
17
14
D7
Drain Terminal 7. This pin can be an input or an output.
18
15
S7
Source Terminal 7. This pin can be an input or an output.
19
16
D8
Drain Terminal 8. This pin can be an input or an output.
20
17
S8
Source Terminal 8. This pin can be an input or an output.
21
18
VSS
Most Negative Power Supply Potential. In single-supply applications, it can be connected to
ground.
22
19
SDO
Serial Data Output. This pin can be used for daisy-chaining a number of these devices together or
for reading back the data in the shift register for diagnostic purposes. The serial data is transferred
on the rising edge of SCLK and is valid on the falling edge of the clock. Pull this open-drain output
to the supply with an external resistor.
23
20
RESET/VL
RESET/Logic Power Supply Input (VL). When this pin is low (<0.8 V), this pin acts as RESET, all
switches are open, and appropriate registers are cleared to 0. Otherwise, it is the logic power
supply input that operates from 2.7 V to 5.5 V.


Número de pieza similar - ADG1414BRUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Descripción similar - ADG1414BRUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
   SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com