Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1439 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG1439
Descripción Electrónicos  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1439 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1439 Datasheet HTML 6Page - Analog Devices ADG1439 Datasheet HTML 7Page - Analog Devices ADG1439 Datasheet HTML 8Page - Analog Devices ADG1439 Datasheet HTML 9Page - Analog Devices ADG1439 Datasheet HTML 10Page - Analog Devices ADG1439 Datasheet HTML 11Page - Analog Devices ADG1439 Datasheet HTML 12Page - Analog Devices ADG1439 Datasheet HTML 13Page - Analog Devices ADG1439 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 10 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
−0.3 V to +7 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
GND − 0.3 V to VL + 0.3 V or
30 mA, whichever occurs first
Continuous Current, Sx or
Dx Pins
Table 5 and Table 6 specifica-
tions + 15%
Peak Current, Sx or Dx Pins
(Pulsed at 1 ms, 10% Duty
Cycle Max)
TSSOP
300 mA
LFCSP
400 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Reflow Soldering Peak
Temperature (Pb-Free)
260(+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
1 Overvoltages at the analog and digital inputs are clamped by internal
diodes. Current should be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
20 Lead TSSOP (4-Layer Board)
112.6
50
°C/W
20-Lead LFCSP (4-Layer Board and
Exposed Paddle Soldered to VSS)
30.4
N/A
°C/W
ESD CAUTION


Número de pieza similar - ADG1439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Descripción similar - ADG1439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com