Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1438BCPZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADG1438BCPZ-REEL7
Descripción Electrónicos  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1438BCPZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1438BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 9 of 20
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2 (see Figure 3).
VDD = 4.5 V to 16.5 V; VSS = −16.5 V to 0 V; VL = 2.7 V to 5.5 V or VDD (whichever is less); GND = 0 V; all specifications TMIN to TMAX,
unless otherwise noted.1
Table 7.
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
9
ns min
SCLK high time
t3
9
ns min
SCLK low time
t4
5
ns min
SYNC to SCLK active edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
5
ns min
SCLK active edge to SYNC rising edge
t8
15
ns min
Minimum SYNC high time
t9
5
ns min
SYNC rising edge to next SCLK active edge ignored
t10
5
ns min
SCLK active edge to SYNC falling edge ignored
t113
40
ns max
SCLK rising edge to SDO valid
t12
15
ns min
Minimum RESET pulse width
1 Guaranteed by design and characterization, not production tested.
2 Maximum SCLK frequency is 50 MHz at VDD = 4.5 V to 16.5 V; VSS = −16.5 V to 0 V; VL = 2.7 V to 5.5 V or VDD (whichever is less); GND = 0 V.
3 Measured with the 1 k
Ω pull-up resistor to V
L
and 20 pF load. t11 determines the maximum SCLK frequency in daisy-chain mode.
TIMING DIAGRAM
t4
t3
SCLK
SYNC
DIN
t1
t2
t5
t6
t7
t8
DB7
t9
t10
t12
DB0
RESET
Figure 3. Serial Write Operation
t8
t4
t3
t6
t11
t7
t9
t5
816
SCLK
SYNC
DIN
SDO
UNDEFINED
INPUT WORD FOR DEVICE N
INPUT WORD FOR DEVICE N
INPUT WORD FOR DEVICE N + 1
t1
t2
DB0
DB7
DB0
DB7
DB7
DB0
Figure 4. Daisy-Chain Timing Diagram


Número de pieza similar - ADG1438BCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Descripción similar - ADG1438BCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com