Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2531ACPZ-WP Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADN2531ACPZ-WP
Descripción Electrónicos  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-WP Datasheet(HTML) 4 Page - Analog Devices

  ADN2531ACPZ-WP Datasheet HTML 1Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 2Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 3Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 4Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 5Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 6Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 7Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 8Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN2531
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
VCC
3.0
3.3
3.6
V
ICC8
36
mA
VBSET = VMSET = 0 V
ISUPPLY9
55
62
mA
VBSET = VMSET = 0 V
1 The voltage between the pin with the specified compliance voltage and GND.
2 Specified for TA = −40°C to +85°C due to test equipment limitation. See the
section for data on performance for TA = −40°C to +100°C.
Typical Performance Characteristics
3 The pattern used is composed of a repetitive sequence of eight 1s followed by eight 0s at 10.7 Gbps.
4 Measured using the high speed characterization circuit shown in Figure 22.
5 The pattern used is K28.5 (00111110101100000101) at 10.7 Gbps rate.
6 The pattern used is K28.5 (00111110101100000101) at 11.3 Gbps rate.
7 Measured at balanced IMODP and IMODN.
8 Only includes current in the ADN2531 VCC pins.
9 Includes current in ADN2531 VCC pins and dc current in IMODP and IMODN pull-up inductors. See the
section for total supply current calculation.
Power Consumption
PACKAGE THERMAL SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
θJ-TOP
65
72.2
79.4
°C/W
Thermal resistance from junction to top of package.
θJ-PAD
2.6
5.8
10.7
°C/W
Thermal resistance from junction to bottom of exposed pad.
IC Junction Temperature
125
°C
90%
10%
ALS
IBIAS
AND IMOD
ALS
ASSERT TIME
ALS
NEGATE TIME
t
t
Figure 2. ALS Timing Diagram


Número de pieza similar - ADN2531ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
More results

Descripción similar - ADN2531ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com