Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2531ACPZ-WP Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADN2531ACPZ-WP
Descripción Electrónicos  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-WP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2531ACPZ-WP Datasheet HTML 2Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 3Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 4Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 5Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 6Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 7Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 8Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 9Page - Analog Devices ADN2531ACPZ-WP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADN2531
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
9GND
IBIAS
IBMON
BSET
1
MSET
2
3
4
GND
ALS
CPA
ADN2531
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. THERE IS AN EXPOSED PAD ON THE
BOTTOM OF THE PACKAGE THAT MUST BE
CONNECTED TO THE VCC OR GND PLANE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
MSET
Input
Modulation Current Control Input
2
CPA
Input
Crosspoint Adjust Control Input
3
ALS
Input
Automatic Laser Shutdown
4
GND
Power
Negative Power Supply
5
VCC
Power
Positive Power Supply
6
IMODN
Output
Modulation Current Negative Output
7
IMODP
Output
Modulation Current Positive Output
8
VCC
Power
Positive Power Supply
9
GND
Power
Negative Power Supply
10
IBIAS
Output
Bias Current Output
11
IBMON
Output
Bias Current Monitoring Output
12
BSET
Input
Bias Current Control Input
13
VCC
Power
Positive Power Supply
14
DATAP
Input
Data Signal Positive Input
15
DATAN
Input
Data Signal Negative Input
16
VCC
Power
Positive Power Supply
Exposed Pad
EP
Power
Connect to the VCC or GND plane


Número de pieza similar - ADN2531ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
More results

Descripción similar - ADN2531ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com