Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3012KS Datasheet(PDF) 4 Page - Allegro MicroSystems

No. de pieza SI-3012KS
Descripción Electrónicos  Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3012KS Datasheet(HTML) 4 Page - Allegro MicroSystems

  SI-3012KS Datasheet HTML 1Page - Allegro MicroSystems SI-3012KS Datasheet HTML 2Page - Allegro MicroSystems SI-3012KS Datasheet HTML 3Page - Allegro MicroSystems SI-3012KS Datasheet HTML 4Page - Allegro MicroSystems SI-3012KS Datasheet HTML 5Page - Allegro MicroSystems SI-3012KS Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
sTaping Specifications
qSI-3000KS Series
160 to 240mm
(About 25 pockets)
1,000PCS
42
8
1.55
φ
φ
Trailer
Vacant seal section
IC compartments
Vacant seal section
Leader
(1,000 pockets)
160 to 240mm
400 to 600mm
Tape draw-out direction
(About 25 pockets)
Cover tape
2
7.0
6.7
5.5
12
t=3
5.75
5.55
2.1
(4.75)
Hole
Hole
Hole
2
3
10
5
Hole
Hole
Hole
Hole
Hole
60
°
60°
B
13
±0.3
15.4
±1.0
Expanded view of center
10.5
Hole
Hole
Hole
Hole
60°
60
°
Carrier tape
Surface resistance of em-
bossed tape: 100 k
Ω maxi-
mum (among 10 pockets)
Reel: Number of packed
products: 1000
(Unit : mm)


Número de pieza similar - SI-3012KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI-3012KS ETC-SI-3012KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3012KS SANKEN-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KS SANKEN-SI-3012KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KS SANKEN-SI-3012KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Descripción similar - SI-3012KS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com