Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF8721PBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF8721PBF
Descripción Electrónicos  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF8721PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF8721PBF Datasheet HTML 1Page - International Rectifier IRF8721PBF Datasheet HTML 2Page - International Rectifier IRF8721PBF Datasheet HTML 3Page - International Rectifier IRF8721PBF Datasheet HTML 4Page - International Rectifier IRF8721PBF Datasheet HTML 5Page - International Rectifier IRF8721PBF Datasheet HTML 6Page - International Rectifier IRF8721PBF Datasheet HTML 7Page - International Rectifier IRF8721PBF Datasheet HTML 8Page - International Rectifier IRF8721PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF8721PbF
6
www.irf.com
Fig 13. Maximum Avalanche Energy
vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 15b. Switching Time Waveforms
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 15a. Switching Time Test Circuit
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
6
8
10
12
14
16
TJ = 25°C
TJ = 125°C
ID = 14A
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
0.83A
1.05A
BOTTOM
11A
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS


Número de pieza similar - IRF8721PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8721PBF-1 IRF-IRF8721PBF-1 Datasheet
213Kb / 9P
   HEXFETPower MOSFET
IRF8721PBF-1 IRF-IRF8721PBF-1 Datasheet
213Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8721PBF-1 IRF-IRF8721PBF-1_15 Datasheet
213Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Descripción similar - IRF8721PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com